PART |
Description |
Maker |
1SMB6.5CA 1SMB8.5CA 1SMB6.0CA 1SMB8.0CA 1SMC50A 1S |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS PT 1.5/ 7-3.5-V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS 600 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 PT 1.5/14-3.5-V Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS/ 5.0 THRU 170 VOLTS Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?3V,????荤???????????靛??????
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. Central Semiconductor C...
|
3SMC6.5A 3SMC7.0A 3SMC9.0A |
Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,单向玻璃钝化节点瞬变电压抑制 Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛??????
|
Central Semiconductor Corp.
|
T10A120T T10A130B T10A200T T10A240T T10A270B |
T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 108V,max. Ir = 50uA @ Vr = 120V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 117V,max. Ir = 50uA @ Vr = 130V,max, Bulk (500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 180V,max. Ir = 50uA @ Vr = 200V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 216V,max. Ir = 50uA @ Vr = 240V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 243V,max. Ir = 50uA @ Vr = 270V,max, Bulk (500pcs).
|
Littelfuse
|
1SMC170CA 1SMC85CA |
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
|
Central Semiconductor
|
ML2009CP ML2009CQ ML2009IP ML2009IQ ML2008CP ML200 |
SCREW, PAN HEAD, CROSS REC,(.112)#4-40 X .500 LG, CRES,PASSIVATE レP兼容的对数增衰减 レP Compatible Logarithmic Gain/Attenuator μP Compatible Logarithmic Gain/Attenuator
|
Vicor, Corp. MICRO-LINEAR[Micro Linear Corporation]
|
3SMC51CA 3SMC48CA 3SMC110CA 3SMC70CA 3SMC160CA 3SM |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
3SMC160CA |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS
|
Central Semiconductor
|
1SMC9.0CA 1SMC10CA 1SMC6.0CA 1SMC6.5CA 1SMC16CA 1S |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
|
Central Semiconductor Corp Central Semiconductor C...
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
ST1.5KPS6.8 ST1.5KPS440 |
1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
SSDI[Solid States Devices, Inc]
|